PART |
Description |
Maker |
MAX6713Z MAX6713T MAX6713S MAX6713R MAX6713M MAX67 |
Microprocessor reset circuit with manual reset input. Reset threshold 2.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.38V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low open-drain reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-high push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low push-pull reset. 4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 8-Bit Shift Register 16-SOIC -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输 8-Bit Shift Register 16-PDIP -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
LB1247 |
Active-Low Input,8-Unit, High-Current, Low-Saturation Driver
|
SANYO[Sanyo Semicon Device]
|
LB1249 |
Active-Low Input, 8-Unit, High-Current, Low-Saturation Driver
|
SANYO
|
LB1247 |
Active-Low Input, 8-Unit, High-Current, Low-Saturation Driver
|
SANYO
|
5962-8969106XX 5962-8969102XX 5962-8969101XX 5962- |
High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smartphones x8 SRAM White LED Camera-Flash Boost Converter 5-Channel Slim DSC Power Supplies Low-Input-Voltage, 500mA LDO Regulator with Active-Low RESET in SOT and TDFN x8的SRAM
|
TOKO, Inc.
|
BL652-SA BL652-SC |
Input with active low logic. Internal pull down
|
Laird Tech Smart Techno...
|
TD62387AFNG TD62388AFNG |
8 Ch Low Input Active Darlington Sink Driver
|
Toshiba Semiconductor
|
TD62386AFG TD62386APG TD62387AFG TD62387APG TD6238 |
8 Ch Low Input Active Darlington Sink Driver
|
Toshiba Semiconductor
|
LB1246 |
Active-Low Input Printer Driver 低电平输入打印机驱动程序
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd.
|
ASM1233MS-55 ASM1233MS-5 ASM1233MS-3 ASM1233DZ-5 A |
Low Power CPU Supervisors Lithium Battery; Voltage Rating:3V; Battery Capacity:265mAh; Battery Terminals:Pressure Contact RoHS Compliant: NA Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Steel Ruler; Graduations:1/8; 1/16; 1/32; 1/64; Overall Length:12"; Width:1"; Length:12" 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
PS9122-N-AX PS9122-F3-L-AX PS9122-F3-N-AX PS9122-V |
The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
|
Duracell California Eastern Labs
|